Part Number Hot Search : 
LEG26 MB87M CY8C2 L6560A CZRC5386 STB10100 78L05 ML180
Product Description
Full Text Search
 

To Download TLP521-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP521GB, TLP521-2GB, TLP521-4GB, TLP521, TLP521-2, TLP521-4 TLP521XGB, TLP521-2XGB, TLP521-4XGB TLP521X, TLP521-2X, TLP521-4X
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
APPROVALS l UL recognised, File No. E91231 'X' SPECIFICATION APPROVALS l VDE 0884 in 3 available lead form : - STD - G form - SMD approved to CECC 00802
l
TLP521
2.54 7.0 6.0 1.2 5.08 4.08 1 2
Dimensions in mm
4 3
7.62 4.0 3.0 0.5 13 Max 0.26
BSI approved - Certificate No. 8001
DESCRIPTION The TLP521, TLP521-2, TLP521-4 series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages. FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Current Transfer Ratio ( 50% min) l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l High BVCEO ( 55Vmin ) l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS l Computer terminals l Industrial systems controllers l Measuring instruments l Signal transmission between systems of different potentials and impedances
OPTION SM
SURFACE MOUNT OPTION G
3.0
TLP521-2
0.5 2.54
3.35
1 7.0 6.0 2 3 4 7.62 4.0 3.0 0.5
8 7 6 5
1.2 10.16 9.16
3.0 3.35 0.5
13 Max 0.26 1 2 3 4 5 7.0 6.0 6 7 8 7.62 13 Max 0.26 16 15 14 13 12 11 10 9
TLP521-4
2.54
7.62
1.2 20.32 19.32 4.0 3.0 0.5 0.5 3.35
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
7/4/03
ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
DB92546m-AAS/A3
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 125C Operating Temperature -30C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation 50mA 6V 70mW
OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION Total Power Dissipation
(derate linearly 2.67mW/C above 25C)
55V 6V 150mW
200mW
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Current (IR) Output Collector-emitter Breakdown (BVCEO) 55 ( Note 2 ) Emitter-collector Breakdown (BVECO) 6 Collector-emitter Dark Current (ICEO) Current Transfer Ratio (CTR) (Note 2) TLP521, TLP521-2, TLP521-4 CTR selection available BL GB GB Collector-emitter Saturation VoltageVCE (SAT) -GB Input to Output Isolation Voltage VISO Input-output Isolation Resistance RISO Response Time (Rise), tr Response Time (Fall), tf 5300 7500 5x1010 4 3 50 200 100 30 MIN TYP MAX UNITS 1.0 1.15 1.3 10 V
A
TEST CONDITION IF = 10mA VR = 4V IC = 0.5mA IE = 100A VCE = 20V 5mA IF , 5V VCE 1mA IF , 0.4V VCE 8mA IF , 2.4mA IC 1mA IF , 0.2mA IC See note 1 See note 1 VIO = 500V (note 1) VCE = 2V , IC = 2mA, RL = 100
V V nA
100
Coupled
600 600 600
% % % % V V VRMS VPK s s
0.4 0.4
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
7/4/03
DB92546m-AAS/A3
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation PC (mW) 25 Collector current IC (mA) 150 20 15 10 5 0 -30 0 25 50 75 100 125 0
Collector Current vs. Low Collector-emitter Voltage TA = 25C 50 40 30 20 10 5 IF = 2mA
100
50
0 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 60
0.2
0.4
0.6
0.8
1.0
Collector-emitter voltage VCE ( V ) Collector Current vs. Collector-emitter Voltage 50 50 30 Collector current IC (mA) 40 30 20 10 0 20 15 10 TA = 25C
50 Forward current IF (mA) 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 IF = 5mA IC = 1mA Current transfer ratio CTR (%) 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 100 Ambient temperature TA ( C )
7/4/03
IF = 5mA
0
2
4
6
8
10
Collector-emitter voltage VCE ( V ) Current Transfer Ratio vs. Forward Current 320 280 240 200 160 120 80 40 0 1 2 5 10 20 50 Forward current IF (mA)
DB92546m-AAS/A3
Collector-emitter saturation voltage VCE(SAT) (V)
VCE = 5V TA = 25C


▲Up To Search▲   

 
Price & Availability of TLP521-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X